PART |
Description |
Maker |
2N5166 2N4147 2N1600 2N1598 2N893 2N899 |
20 A, 400 V, SCR 0.25 A, 100 V, SCR, TO-52 8 A, 50 V, SCR, TO-64 1.6 A, 300 V, SCR, TO-5 0.25 A, 15 V, SYMMETRICAL GTO SCR, TO-18 0.25 A, 100 V, GATE TURN-OFF SCR, TO-18
|
SEMITRONICS CORP
|
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
TGF148-600B TGF148-1200B TGF148-800B TGF148-1000B |
63 A, 600 V, SCR, TO-65 63 A, 1200 V, SCR, TO-65 63 A, 800 V, SCR, TO-65 63 A, 1000 V, SCR, TO-65
|
ST Microelectronics
|
C232F C228F-255 C228F-256 C228F-252 C231U-242 C231 |
35 A, 50 V, SCR, TO-3 25 A, 25 V, SCR 25 A, 50 V, SCR, TO-3 35 A, 800 V, SCR, TO-48 35 A, 1200 V, SCR, TO-48
|
Semitronics, Corp. SEMITRONICS CORP
|
2N5064AP T107E141 S0510LS253V S1008LS253V EC103A75 |
0.8 A, 200 V, SCR, TO-92 4 A, 500 V, SCR 10 A, 50 V, SCR, TO-220AB 8 A, 100 V, SCR, TO-220AB 0.8 A, 100 V, SCR, TO-92 6 A, 50 V, SCR, TO-220AB 6 A, 100 V, SCR, TO-220AB 4 A, 300 V, SCR, TO-202AB 8 A, 50 V, SCR, TO-202AB 4 A, 50 V, SCR, TO-202AB 10 A, 100 V, SCR, TO-220AB
|
|
25RIA160 25RIA80S90 25RIA 25RIA10 25RIA100 25RIA10 |
800V 25A Phase Control SCR in a TO-208AA (TO-48) package 1400V 40A Phase Control SCR in a TO-208AA (TO-48) package 1200V 25A Phase Control SCR in a TO-208AA (TO-48) package 1000V 25A Phase Control SCR in a TO-208AA (TO-48) package 100V 25A Phase Control SCR in a TO-208AA (TO-48) package 600V 25A Phase Control SCR in a TO-208AA (TO-48) package 400V 25A Phase Control SCR in a TO-208AA (TO-48) package 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
WPH220-12 WPT224-22 WPT220-12 WPT132-12 |
392.5 A, 1200 V, SCR 376.8 A, 2200 V, SCR 204.1 A, 1200 V, SCR
|
WESTCODE SEMICONDUCTORS LTD
|
CS223-4N CS223-4M |
4.0 AMP SCR 600 THRU 800 VOLTS 4 A, 800 V, SCR SMD SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|